|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDT74FCT162H245AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER INDUSTRIAL TEMPERATURE RANGE FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER FEATURES: * * * * * IDT74FCT162H245AT/CT 0.5 MICRON CMOS Technology High-speed, low-power CMOS replacement for ABT functions Typical tSK(o) (Output Skew) < 250ps Low input and output leakage 1A (max.) ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * Bus Hold retains last active bus state during 3-state * Eliminates the need for external pull up resistors * Available in SSOP and TSSOP packages DESCRIPTION: The FCT162H245T 16-bit transceiver is built using advanced dual metal CMOS technology. These high-speed, low-power transceivers are ideal for synchronous communication between two busses (A and B). The Direction and Output Enable controls operate these devices as either two independent 8-bit transceivers or one 16-bit transceiver. The direction control pin (xDIR) controls the direction of data flow. The output enable pin (xOE) overrides the direction control and disables both ports. All inputs are designed with hysteresis for improved noise margin. The FCT162H245T has "Bus Hold" which retains the input's last state whenever the input goes to high impedance. This prevents "floating" inputs and eliminates the need for pull-up/down resistors. FUNCTIONAL BLOCK DIAGRAM 1 DIR 1O E 1A 1 1B 1 1A 2 1B 2 1A 3 1B 3 1A 4 1B 4 1A 5 1B 5 1A 6 1B 6 1A 7 1B 7 1A 8 1B 8 2 DIR 2O E 2A 1 2B 1 2A 2 2B 2 2A 3 2B 3 2A 4 2B 4 2A 5 2B 5 2A 6 2B 6 2A 7 2B 7 2A 8 2B 8 The IDT logo is a registered trademark of Integrated Device Technology, Inc. INDUSTRIAL TEMPERATURE RANGE 1 (c) 2002 Integrated Device Technology, Inc. NOVEMBER 2002 DSC-5459/3 IDT74FCT162H245AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER INDUSTRIAL TEMPERATURE RANGE PIN CONFIGURATION 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 ABSOLUTE MAXIMUM RATINGS(1) Symbol VTERM(2) Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to 7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA VTERM(3) TSTG 1A1 1A2 1DIR 1B1 1B2 1OE IOUT GND 1B3 1B4 GND 1A3 1A4 VCC 1B5 1B6 VCC 1A5 1A6 NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXXT and FCT166XXT (A-Port) Output and I/O terminals. 3. Output and I/O terminals for FCT162XXXT and FCT166XXXT (A-Port). CAPACITANCE (TA = +25C, f = 1.0MHz) Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF GND 1B7 1B8 2B1 2B2 GND 1A7 1A8 2A1 2A2 NOTE: 1. This parameter is measured at characterization but not tested. PIN DESCRIPTION Pin Names xOE xDIR xAx xBx Description Outputs Enable Input (Active LOW) Direction Control Inputs Side A Inputs or 3-State Outputs(1) Side B Inputs or 3-State Outputs(1) GND 2B3 2B4 GND 2A3 2A4 VCC 2B5 2B6 VCC 2A5 2A6 NOTE: 1. These pins have "Bus-hold". All other pins are standard inputs, outputs, or I/Os. FUNCTION TABLE(1) Inputs xOE L L H NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance GND 2B7 2B8 2DIR GND 2A7 2A8 2OE xDIR L H X Output Bus B Data to Bus A Bus A Data to Bus B High Z State SSOP/ TSSOP TOP VIEW 2 IDT74FCT162H245AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER INDUSTRIAL TEMPERATURE RANGE DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10% Symbol VIH VIL IIH Parameter Input HIGH Level Input LOW Level Input HIGH Current(4) IIL Input LOW Current(4) IBHH IBHL IOZH IOZL VIK IOS VH ICCL ICCH ICCZ Bus-hold Sustain Current(4) High Impedance Output Current (3-State Output pins)(5, 6) Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC VCC = Max., VO = VCC = Max. Standard Input(5) Standard I/O(5) Bus-hold Input Bus-hold I/O Standard Input(5) Standard I/O(5) Bus-hold Input Bus-hold I/O Bus-hold Input VCC = Min. VI = 2V VI = 0.8V VO = 2.7V VO = 0.5V VCC = Min., IIN = -18mA GND(3) -- VI = GND Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC Min. 2 -- -- -- -- -- -- -- -- -- -50 50 -- -- -- -80 -- -- Typ.(2) -- -- -- -- -- -- -- -- -- -- -- -- -- -- -0.7 -140 100 5 Max. -- 0.8 1 1 100 100 1 1 100 100 -- -- 1 1 -1.2 -250 -- 500 V mA mV A A A Unit V V A OUTPUT DRIVE CHARACTERISTICS Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VCC = Min. VIN = VIH or VIL VCC = Min. VIN = VIH or VIL NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. Pins with Bus-hold are identified in the pin description. 5. The test limit for this parameter is 5A at TA = -55C. 6. Does not include Bus-hold I/O pins. Min. 60 -60 2.4 -- Typ.(2) 115 -115 3.3 0.3 Max. 200 -200 -- 0.55 Unit mA mA V V VO = 1.5V(3) IOH = -24mA IOH = 24mA VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) 3 IDT74FCT162H245AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER INDUSTRIAL TEMPERATURE RANGE POWER SUPPLY CHARACTERISTICS Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open xOE = xDIR = GND One Input Toggling 50% Duty Cycle VCC = Max. Outputs Open fi = 10MHz 50% Duty Cycle xOE = xDIR = GND One Bit Toggling VCC = Max. Outputs Open fi = 2.5MHz 50% Duty Cycle xOE = xDIR = GND Sixteen Bits Toggling VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 60 Max. 1.5 100 Unit mA A/ MHz IC Total Power Supply Current(6) VIN = VCC VIN = GND VIN = 3.4V VIN = GND VIN = VCC VIN = GND VIN = 3.4V VIN = GND -- 0.6 1.5 mA -- 0.9 2.3 -- 2.4 4.5(5) -- 6.4 16.5(5) NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi SWITCHING CHARACTERISTICS OVER OPERATING RANGE FCT162H245AT Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ tSK(o) Parameter Propagation Delay A to B, B to A Output Enable Time xOE to A or B Output Disable Time xOE to A or B Output Enable Time xDIR to A or B(3) Output Disable Time xDIR to A or B(3) Output Skew(4) Condition(1) CL = 50pF RL = 500 Min.(2) 1.5 1.5 1.5 1.5 1.5 -- Max. 4.6 6.2 5 6.2 5 0.5 FCT162H245CT Min.(2) 1.5 1.5 1.5 1.5 1.5 -- Max. 3.5 4.4 4 4.8 4 0.5 Unit ns ns ns ns ns ns NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This parameter is guaranteed but not tested. 4. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design. 4 IDT74FCT162H245AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER INDUSTRIAL TEMPERATURE RANGE TEST CIRCUITS AND WAVEFORMS V CC 7.0V 500 V IN Pulse Generator D.U.T. 50pF RT 500 CL V OUT SWITCH POSITION Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. Test Circuits for All Outputs DATA INPUT tSU TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC. tREM tH 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V LOW -HIGH-LOW PULSE tW HIGH-LOW -HIGH PULSE 1.5V 1.5V tSU tH Pulse Width Set-up, Hold, and Release Times ENABLE SAME PHA SE INPUT TRANSITION tPLH OUTPUT tPLH OPPOS ITE P HASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V DISABLE 3V CONTROL INPUT tPZL OUTPUT NORMALLY LOW SW ITCH CLOSED tPZH OUTPUT NORMALLY HIGH SW ITCH OPEN 3.5V 1.5V 0.3V tPHZ 0.3V 1.5V 0V 0V VOH tPLZ 1.5V 0V 3.5V VOL Propagation Delay Enable and Disable Times NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 5 IDT74FCT162H245AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER INDUSTRIAL TEMPERATURE RANGE ORDERING INFORMATION IDT XX Temp. Range FCT XXX Drive X Bus Hold XXXX Device Type XX Package PV PA Shrink Small Outline Package Thin Shrink Small Outline Package 245AT 245CT 16-Bit Bidirectional Transceiver H Bus-Hold 162 Double-Density, 5 Volt, Balanced Drive 74 -40C to +85C DATA SHEET DOCUMENT HISTORY 4/11/2002 Removed blank speed option 5/22/2002 Removed TVSOP package CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: logichelp@idt.com (408) 654-6459 6 |
Price & Availability of IDT74FCT162H245AT |